Part Number Hot Search : 
BYX46 LTC37 SKMD40F SD220 5KE130 B0822BB1 030DB2D K2012
Product Description
Full Text Search
 

To Download GPC130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  54 condor d.c. power supplies, inc., 2311 statham parkway, oxnard, ca 93033 800-235-5929 ? 805-486-4565  fax 805-487-8911  www.condorpower.com GPC130 commercial/ gpm130 medical 130 watt global performance switchers features:  wide-range ac input 85-264 vac  2-year warranty  commercial approved to ul1950, iec950, en60950 and csa22.2-234 l3  medical approved to ul2601-1, iec601-1 and csa22.2 no. 601  conducted emi exceeds fcc class b and cispr 22 class b (commercial models) and cispr 11 class b (medical models)  marked to lvd specifications: ac input 85-264 vac, 47-63 hz single phase. input current maximum input current at 120 vac, 60 hz with full rated output load: 3.5 a hold-up time 20 ms minimum from loss of ac input at full load, nominal line (115 vac). output power 100 w continuous, 165 w peak; 130 w with 26 cfm air flow. peak ratings are for 60 s maximum duration, 10% duty cycle. during peak load condition, output regulation may exceed total regulation limits. overload protection fully protected against short circuit and output overload. short circuit protection is cycling type power limit on outputs 1 & 2; foldback type on outputs 3 & 4. recovery after fault is automatic. see output ratings chart for additional notes or conditions. overvoltage protection main outputs: 124% 12% typical. efficiency 70% at full rated load, nominal input voltage, depending on model and load distribution. turn-on time less than 1 second at 120 vac, 25 c (inversely proportional to input voltage and thermistor temperature). input protection internal ac fuse provided. designed to blow only if a catastrophic failure occurs in the unit. inrush current inrush is limited by internal thermistors. inrush at 240 vac under cold start conditions will not exceed 34 a. temperature coefficient 0.03%/ c typical on all outputs. thermal shutdown provided as a standard feature. designed to protect unit from prolonged overtemperature. environmental designed for 0 to 50 c operation at full rated output power; derate output current and total output power by 2.5% per c above 50 c. see environmental and packaging specifications on next page. power fail ttl- or cmos-compatible output goes low (< 0.5v) 5 ms before output voltage drops more than 4% below nominal voltage upon loss of ac power. the signal is factory set to trip on 84 to 94vac brown-out depending upon incoming line impedance and distortion. other settings are available to the user through adjustment of built-in potentiometer. output noise 0.5% rms, 1% pk-pk, 20 mhz bandwidth, differential mode. measured with noise probe directly across output terminals of the power supply. transient response main output ? 500sec typical response time for return to within 0.5% of final value for a 50% load step change. ? i/ ? t<0.2 a/s. maximum voltage deviation is 3.5%. startup/shutdown overshoot less than 3%. remote sense provided as a standard feature on output 1. voltage adjustment built-in potentiometer adjusts voltage 5% on outputs 1 & 2. overload protection factory set to begin power limiting at approximately 170 w. emi/emc compliance all models include built-in emi filtering to meet the following emissions requirements: emi specifications compliance level conducted emissions GPC130 en55022 class b; fcc class b conducted emissions gpm130 en55022 class b; fcc class b static discharge en61000-4-2, 6 kv contact, 8 kv air rf field susceptibility en61000-4-3, 3 v/meter fast transients/bursts en61000-4-4, 2 kv, 5 khz surge susceptibility en61000-4-5, 1 kv diff., 2 kv com. commercial leakage current 0.7 ma 254 vac @ 60 hz input. commercial safety approved to ul1950, csa22.2 no. 234 level 3, iec950 and en60950. ul file #e135803 commercial; csa #lr46516 all models. the output(s) are intended for safety earthed signal output and intermediate circuits only. all dc outputs are selv under normal and single fault conditions. medical leakage current 35 a 254 vac @ 60 hz input. medical safety approved to ul2601, csa22.2 no. 601 level 3 and iec601. ul file e116994; csa #lr46516. the output(s) are intended for safety earthed signal output and intermediate circuits only. the output(s) are not acceptable for patient connection without additional isolation. all dc outputs are selv under normal and single fault conditions.
55 condor d.c. power supplies, inc., 2311 statham parkway, oxnard, ca 93033 800-235-5929  805-486-4565  fax 805-487-8911  www.condorpower.com GPC130 commercial/ gpm130 medical 130 watt multiple output GPC130/ gpm130 mechanical specifications a. total regulation is defined as the maximum deviation from the nominal voltage for all steady-state conditions of initial vol tage setting, input line voltage and output load. b. unrestricted natural convection cooling. c. requires 26 cfm moving air. a. units should be allowed to warm up/operate under non-condensing conditions before application of power. b. random vibration ? 10 to 2000hz, 6db/octave roll-off from 350 to 2000hz, 3 orthogonal axes. tested for 10 min./axis operating and 1 hr./axis non-operating. c. shock testing ? half-sinusoidal, 10 3 ms duration, direction, 3 orthogonal axes, total 6 shocks. l a t n e m n o r i v n e n o i t a c i f i c e p s g n i t a r e p o g n i t a r e p o - n o n ) a ( e r u t a r e p m e ts c e p s l a u d i v i d n i e e s5 8 + o t 0 4 - o c ) a ( y t i d i m u hh r % 5 9 o t 0h r % 5 9 o t 0 ) b ( k c o h sg 0 2 k p g 0 4 k p e d u t i t l at f 0 0 0 , 0 1 o t 0 0 5 -t f 0 0 0 , 0 4 o t 0 0 5 - ) c ( n o i t a r b i vg 5 . 1 s m r g 3 0 0 . 0 , 2 z h /g 5 s m r g 6 2 0 . 0 , 2 z h / l a i c r e m m o c l e d o m l a c i d e m l e d o m . o n t u p t u o t u p t u o t u p t u o m u m i n i m t u p t u o ) b ( m u m i x a m t u p t u o ) c ( m u m i x a m k a e p t u p t u o p - p e s i o n l a t o t ) a ( n o i t a l u g e r a 0 3 1 c p g a 0 3 1 m p g 1 2 3 4 v 5 + v 2 1 + v 2 1 - v 2 1 + a 3 a 0 a 0 a 0 a 6 1 a 5 a 2 . 1 a 2 . 1 a 0 2 a 5 a 2 . 1 a 2 . 1 a 5 2 a 8 a 5 . 1 a 5 . 1 v m 0 5 v m 0 2 1 v m 0 2 1 v m 0 2 1 % 2 % 2 % 3 % 3 b 0 3 1 c p g b 0 3 1 m p g 1 2 3 4 v 5 + v 2 1 + v 5 - v 2 1 - a 3 a 0 a 0 a 0 a 6 1 a 5 a 2 . 1 a 2 . 1 a 0 2 a 5 a 2 . 1 a 2 . 1 a 5 2 a 8 a 5 . 1 a 5 . 1 v m 0 5 v m 0 2 1 v m 0 5 v m 0 2 1 % 2 % 2 % 3 % 3 c 0 3 1 c p g c 0 3 1 m p g 1 2 3 4 v 5 + v 2 1 + v 5 1 - v 5 1 + a 3 a 0 a 0 a 0 a 6 1 a 5 a 2 . 1 a 2 . 1 a 0 2 a 5 a 2 . 1 a 2 . 1 a 5 2 a 8 a 5 . 1 a 5 . 1 v m 0 5 v m 0 2 1 v m 0 5 1 v m 0 5 1 % 2 % 2 % 3 % 3 d 0 3 1 c p g d 0 3 1 m p g 1 2 3 4 v 5 + v 4 2 + v 2 1 - v 2 1 + a 3 a 0 a 0 a 0 a 6 1 a 5 . 3 a 2 . 1 a 2 . 1 a 0 2 a 5 . 3 a 2 . 1 a 2 . 1 a 5 2 a 5 a 5 . 1 a 5 . 1 v m 0 5 v m 0 4 2 v m 0 2 1 v m 0 2 1 % 2 % 2 % 3 % 3 e 0 3 1 c p g e 0 3 1 m p g 1 2 3 4 v 5 + v 4 2 + v 5 1 - v 5 1 + a 3 a 0 a 0 a 0 a 6 1 a 5 . 3 a 2 . 1 a 2 . 1 a 0 2 a 5 . 3 a 2 . 1 a 2 . 1 a 5 2 a 5 a 5 . 1 a 5 . 1 v m 0 5 v m 0 4 2 v m 0 5 1 v m 0 5 1 % 2 % 2 % 3 % 3


▲Up To Search▲   

 
Price & Availability of GPC130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X